Part Number Hot Search : 
100LVEL KT841W11 L0025 AD8058AR SMO1137V TC0239A 01111 0070GAG
Product Description
Full Text Search
 

To Download 239300P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to UL/CSA Standards
RoHS
Pb
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 239P Series
(R)
UL (R)
(R)
* Designed to UL/CSA/ANCE 248 Standard. * Available in Cartridge and Axial Lead Format. * Available in ratings of 0.200 to 7 amperes. * RoHS compliant and Lead-Free
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Opening Time 4 hours, Minimum 1 hour, Maximum 5 seconds, Min.; 2 min., Max.
INTERRUPTING RATING:
0.20-1A 10,000 amperes at 125 VAC, 0.7-0.8 power factor 35 amperes at 250 VAC, 0.7-0.8 power factor
1.25A-3.15A 10,000 amperes at 125 VAC, 0.7-0.8 power factor 100 amperes at 250 VAC, 0.7-0.8 power factor 4A-7A 10,000 amperes at 125 VAC, 0.7-0.8 power factor
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
ORDERING INFORMATION:
Catalog Number 239.200P 239.250P 239.300P 239.400P 239.500P 239.600P 239.700P 239.750P 239.800P 239 001.P 2391.25P 23901.6P 239002.P 23902.5P 239003.P 2393.15P 239004.P 239005.P 239007.P Ampere Rating .200 .250 .300 .400 .500 .600 .700 .750 .800 1 1.25 1.60 2 2.50 3 3.15 4 5 7 Nominal Voltage Resistance Rating Cold Ohms 250 3.873 250 3.070 250 2.300 250 1.475 250 0.909 250 0.699 250 0.538 250 0.471 250 0.416 250 0.297 250 0.198 250 0.120 250 0.094 250 0.058 250 0.0480 250 0.0410 125 0.0310 125 0.0200 125 0.0114 Nominal Melting I2t A2 Sec. 0.166 0.341 0.613 1.490 1.986 2.415 4.119 5.424 7.566 11.296 19.524 30.430 50.586 79.701 129.509 128.048 270.703 302.836 305.758
PHYSICAL SPECIFICATIONS: Material: Body: Glass
Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
452
w w w. l i t t e l f u s e . c o m
Axial Lead and Cartridge Fuses
Designed to UL/CSA Standards
RoHS
Pb
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 239P Series
(R)
UL (R)
(R)
Agency Approvals
Agency Approvals Certificate No. Cartridge NBK290502-E10480 NBK280602-E10480 NBK290502-E10480 Leaded NBK290502-E10480 NBK280602-E10480 NBK290502-E10480 Certificate No. SU05001-2004A SU05001-2014A Listed File No. Guide No. File No. Cert. Class No. E10480 JDYX 029862 LR1422-01 G C I H D J Ampere Range
20+0.5
1A - 3.15A 250V 100A 4A & 5A 125V 10000A 7A 125V 500A 1A - 3.15A 250V 100A 4A & 5A 125V 10000A 7A 125V 500A 200mA - 3.15A 4A - 7A
0239 000P
5.1+0.6 5.1+0.6
5.2+0.1 -0.2
0239 000XEP
40
22.5 MAX
5.8 MAX
0.65* All dimensions in mm
UL (R)
200mA - 7A
(R)
Notes: * Ratings above 6.3A have 0.8 mm dia lead
Average Time Current Curves
0.200A 0.250A 0.300A 0.400A 0.500A 0.600A 0.700A 0.750A 0.800A 1A 1.25A 1.6A 2A 2.5A 3A 3.15A 4A 5A 7A
11
AXIAL LEAD AND CARTRIDGE FUSES
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01
0.001 0.01 1 10 CURRENT IN AMPERES 100 1000
w w w. l i t t e l f u s e . c o m
453


▲Up To Search▲   

 
Price & Availability of 239300P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X